Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD4704 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD4704
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4704 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD4704 Datasheet HTML 9Page - Renesas Technology Corp UPD4704 Datasheet HTML 10Page - Renesas Technology Corp UPD4704 Datasheet HTML 11Page - Renesas Technology Corp UPD4704 Datasheet HTML 12Page - Renesas Technology Corp UPD4704 Datasheet HTML 13Page - Renesas Technology Corp UPD4704 Datasheet HTML 14Page - Renesas Technology Corp UPD4704 Datasheet HTML 15Page - Renesas Technology Corp UPD4704 Datasheet HTML 16Page - Renesas Technology Corp UPD4704 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11
µPD4704
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used, or in case soldering is done under
different conditions.
TYPES OF SURFACE MOUNT DEVICE
For more details, refer to our document “Semiconductor Device Mounting Technology Manual” (IEI-1207).
µPD4704G
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
IR35-00-2
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 2, Exposure limit*: None
VPS
Peak package’s surface temperature: 215
°C or below,
VP15-00-2
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 2, Exposure limit*: None
Wave soldering
Solder temperature: 260
°C or below,
WS60-00-1
Flow time: 10 seconds or below,
Number of flow process: 1, Exposure limit*: None
Partial heating method
Terminal temperature: 300
°C or below,
q
q
Flow time: 10 seconds or below,
Exposure limit*: None
*
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Note Do not apply more than a single process at once, except for “Partial heating method”.
TYPES OF THROUGH HOLE MOUNT DEVICE
µPD4704C
Soldering process
Soldering conditions
Symbol
Wave soldering
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below
REFERENCE
Dcodument name
Document No.
NEC semiconductor device reliability/quality control system
IEI-1212
Quality grade on NEC semiconductor devices
IEI-1209
Semiconductor device mounting technology manual
IEI-1207
Semiconductor device package manual
IEI-1213
Guide to quality assurance for semiconductor devices
MEI-1202
Semiconductor selection guide
MF-1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com