Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P324KC Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # UPD78P324KC
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324KC Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button UPD78P324KC Datasheet HTML 72Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 73Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 74Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 75Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 76Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 77Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 78Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 79Page - Renesas Technology Corp UPD78P324KC Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
µPD78P324, 78P324(A)
74
PG-1500
UNISITE
2900
3900Note
PA-78P324GJ
PA-78P324LP
PA-78P324KC
PA-78P324KD
PG-1500 controller
PROM Write Tools
This PROM programmer is capable of programming by manipulating a PROM-
incorporated single-chip microcomputer from a stand-alone or host machine after
connecting the accompanying board and the separately available programmer
adapter.
It can also program representative PROMs ranging from 256 Kbits to 4 Mbits.
These are PROM programmers made by Data I/O Japan.
These are the PROM programmer adapters for writing programs into the
µPD78P324 on general-purpose PROM programmer such as PG-1500.
PA-78P324GJ: for
µPD78P324GJ
PA-78P324LP: for
µPD78P324LP
PA-78P324KC: for
µPD78P324KC
PA-78P324KD: for
µPD78P324KD
A PG-1500 and a host machine are connected with the serial interface or the parallel
interface to control the PG-1500 on the host machine.
Host machine
PC-9800 series
IBM PC/AT and its
compatible
machine
Supply medium
3.5-inch 2HD
5-inch 2HD
3.5-inch 2HC
5-inch 2HC
Part number
µS5A13PG1500
µS5A10PG1500
µS7B13PG1500
µS7B10PG1500
OS
MS-DOS
PC DOS
Hardware
Software
Note
Being evaluated.
Remark
The PG-1500 controller operation is assured only on the host machine and the OS above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com