Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP157F Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # STM32MP157F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP157F Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button STM32MP157F Datasheet HTML 28Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 29Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 30Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 31Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 32Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 33Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 34Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 35Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
7.5.7 PMIC_VBUSOTG
PMIC_VBUSOTG is the output of the PWR_USB_SW in the STPMIC1A. It is designed to
power USB OTG port or USB Type-C. The input of the switch is connected to the
PMIC_BSTOUT internal to the STPMIC1A. The output voltage of the PWR_USB_SW is
approximately equal to the PMIC_BSTOUT.
7.5.8 PMIC_SWOUT
PMIC_SWOUT is the output of the PWR_SW internal to the STPMIC1A. The input of the switch
is brought out to the PMIC_SWIN pin. The output voltage of PMIC_SWOUT will be about equal
to the input voltage provided on PMIC_SWIN.
7.6 Internal Power
The OSD32MP15x has power rails generated by the STPMIC1A that are used internally by the
OSD32MP15x. While some of the output voltages of the regulators can be adjusted, they
should not be adjusted. Adjusting the voltages on these rails will cause the OSD32MP15x
device not to function.
These power pins should not be uses to power external components. Doing so can prevent the
OSD32MP15x from functioning properly. However, they may be used for debugging /
monitoring the system and as reference voltage outputs.
7.6.1 VDD_CORE
VDD_CORE is generated by Buck1 in the STPMIC1A. It provides the core power to the
STM32MP15x integrated into the OSD32MP15x. By default, its voltage is 1.2V. See Table 7-1
for required STPMIC1A configuration of this voltage rail.
7.6.2 VDD_DDR
VDD_DDR is generated by Buck2 in the STPMIC1A. It provides the power to the DDR memory
integrated into the OSD32MP15x. By default, its voltage is 1.1V. See Table 7-1 for required
STPMIC1A configuration of this voltage rail.
7.6.3 VDD
VDD is generated by Buck3 in the STPMIC1A. It provides the power to the VDD Power domain
of the STM32MP15x integrated into the OSD32MP15x. By default, this voltage is set to 3.3V.
The VDD output is used to set the I/O voltage for the STM32MP15x. Therefore, the output
voltage can be modified to support both 1.8V and 3.3V I/O operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com