Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC7447AVGH1333LB Datasheet(PDF) 39 Page - ATMEL Corporation

Part # PC7447AVGH1333LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AVGH1333LB Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button PC7447AVGH1333LB Datasheet HTML 35Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 36Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 37Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 38Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 39Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 40Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 41Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 42Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
5387B–HIREL–07/05
PC7447A [Preliminary]
13.6 Pull-up/Pull-down Resistor Requirements
The PC7447A requires high-resistive (weak: 4.7-K
Ω) pull-up resistors on several control pins of
the bus interface to maintain the control signals in the negated state after they have been
actively negated and released by the PC7447A or other bus masters. These pins are: TS,
ARTRY, SHDO, and SHD1.
Some pins designated as being factory test pins must be pulled up to OV
DD or down to GND to
ensure proper device operation. For the PC7447A, 360 BGA, the pins that must be pulled up to
OV
DD are LSSD_MODE and TEST[0:3]; the pins that must be pulled down to GND are:
L1_TSTCLK and TEST[4]. The CKSTP_IN signal should likewise be pulled up through a pull-up
resistor (weak or stronger: 4.7–1 K
Ω) to prevent erroneous assertions of this signal.
In addition, the PC7447A has one open-drain style output that requires a pull-up resistor (weak
or stronger: 4.7–1 K
Ω) if it is used by the system. This pin is CKSTP_OUT.
If pull-down resistors are used to configure BVSEL, the resistors should be less than 250
Ω (see
Table 8-1 on page 21). Because PLL_CFG[0:4] must remain stable during normal operation,
strong pull-up and pull-down resistors (1 K
Ω or less) are recommended to configure these sig-
nals in order to protect against erroneous switching due to ground bounce, power supply noise
or noise coupling.
During inactive periods on the bus, the address and transfer attributes may not be driven by any
master and may, therefore, float in the high-impedance state for relatively long periods of time.
Because the PC7447A must continually monitor these signals for snooping, this float condition
may cause excessive power draw by the input receivers on the PC7447A or by other receivers
in the system. These signals can be pulled up through weak (10-K
Ω) pull-up resistors by the
system, address bus driven mode enabled (see the MPC7450 RISC Microprocessor Family
Users’ Manual for more information on this mode), or they may be otherwise driven by the sys-
tem during inactive periods of the bus to avoid this additional power draw. Preliminary studies
have shown the additional power draw by the PC7447A input receivers to be negligible and, in
any event, none of these measures are necessary for proper device operation. The snooped
address and transfer attribute inputs are: A[0:35], AP[0:4], TT[0:4], CI, WT, and GBL.
If address or data parity is not used by the system, and respective parity checking is disabled
through HID1, the input receivers for those pins are disabled and do not require pull-up resistors,
and may be left unconnected by the system. If extended addressing is not used (HID0[XAEN] =
0), A[0:3] are unused and must be pulled low to GND through weak pull-down resistors; addi-
tionally, if address parity checking is enabled (HID1[EBA] = 1) and extended addressing is not
used, AP[0] must be pulled up to OV
DD through a weak pull-up resistor. If the PC7447A is in 60x
bus mode, DTI[0:3] must be pulled low to GND through weak pull-down resistors. The data bus
input receivers are normally turned off when no read operation is in progress and, therefore, do
not require pull-up resistors on the bus. Other data bus receivers in the system, however, may
require pull-ups, or that those signals be otherwise driven by the system during inactive periods
by the system. The data bus signals are: D[0:63] and DP[0:7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com