Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP7758GF-Z Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7758GF-Z
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF-Z Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7758GF-Z Datasheet HTML 1Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 2Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP7758GF-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP7758
18V, 2 x 15W Stereo BTL, Fixed-Frequency,
Inductorless Class-D Audio Amplifier
MP7758 Rev. 1.0
www.MonolithicPower.com
1
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP7758 is an inductorless, analog input
class-D audio
amplifier that
drives
stereo
speakers in a bridge-tied load configuration.
The device is a fully integrated audio amplifier,
which reduces solution size dramatically. It
integrates 24
0mΩ power MOSFETs and short-
circuit protection circuits.
The MP7758 features start-up/shutdown pop
elimination,
as
well
as
advanced
EMI
performance. The device can pass EMC tests
without an inductor.
The device utilizes a stereo BTL structure
capable of delivering 15W per channel into 8
Ω
speakers with a 16V power supply. MPS class-
D audio amplifiers exhibit the high fidelity of
class-AB amplifiers, with high efficiency.
The MP7758 includes an internal circuit that
allows the system to automatically shut down
after the absence of an audio signal is detected.
This feature is well-suited for energy-using
products and battery-operated applications.
The device offers an adjustable power limit
(PLIMIT) function. The PLIMIT circuit sets a
limit on the output peak-to-peak voltage. This is
done by limiting the duty cycle to a fixed
maximum value. This limit functions as a virtual
voltage rail, and is lower than the supply
connected to PVCC.
The MP7758 is available in a TSSOP-28 EP
package.
FEATURES
 5V to 18V Operation from a Single Supply
 ±5A Peak Current Output
 Output Power:
o
9.5W/Channel at
12V, 8Ω Load, 10%
THD
o
15W/Channel at 16V, 8Ω Load, 10%
THD
 90% Efficiency with 8Ω Load, 10% THD,
1kHz, 12V Supply Voltage
 240mΩ Power MOSFETs
 Start-Up/Shutdown Pop Elimination
 Short-Circuit Protection Circuits
 Inductorless Topology
 Advanced EMI Performance
 All Switches Current Limited
 Internal Under-Voltage Protection (UVP)
 Internal Thermal Protection
 Adjustable Power Limit
 Automatic Shutdown with Zero Input Signal
Detection
 Fault Output Flag
 Available in a TSSOP-28 EP Package
APPLICATIONS
 Wireless/Portable Speakers
 TVs
 DVD Receivers
 Active Speakers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP7758GF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7751GF MPS-MP7751GF Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7751GF MPS-MP7751GF Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
MP7752GF MPS-MP7752GF Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
More results

Similar Description - MP7758GF-Z

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
logo
Monolithic Power System...
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com