Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPQ6610 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ6610
Description  55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6610 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ6610 Datasheet HTML 8Page - Monolithic Power Systems MPQ6610 Datasheet HTML 9Page - Monolithic Power Systems MPQ6610 Datasheet HTML 10Page - Monolithic Power Systems MPQ6610 Datasheet HTML 11Page - Monolithic Power Systems MPQ6610 Datasheet HTML 12Page - Monolithic Power Systems MPQ6610 Datasheet HTML 13Page - Monolithic Power Systems MPQ6610 Datasheet HTML 14Page - Monolithic Power Systems MPQ6610 Datasheet HTML 15Page - Monolithic Power Systems MPQ6610 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPQ6610
– 55V, 3A HALF-BRIDGE DRIVER, AEC-Q100 QUALIFIED
MPQ6610 Rev. 1.0
www.MonolithicPower.com
12
11/20/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Charge Pump and Bootstrap
To generate the high-side gate drive voltage for
the internal N-channel high-side MOSFET (HS-
FET),
a
bootstrap
capacitor
is
used
in
conjunction with an internal trickle charge
pump. The bootstrap capacitor provides the
high peak current required to switch the
MOSFET quickly, and the internal trickle charge
pump keeps the bootstrap capacitor charged
during long periods when the output is not
switching.
Input Logic
Each MOSFET in the MPQ6610 is controlled
independently using the IN and EN pins (see
Table 1).
Table 1: Input Logic Table
EN
IN
OUT
0
0
Hi-Z
0
1
Hi-Z
1
0
Low
1
1
High
The input pins are designed such that they can
be driven with a logic level voltage even when
the main power to the device is inactive.
Protection and Diagnostic Functions
The MPQ6610 provides an nFAULT pin, which
is driven active low if any of the protection
circuits are activated. These fault conditions
include over-current (OC) and over-temperature
protection
(OTP),
as
well
as
open-load
detection. nFAULT is not driven low if a current
limit trip occurs. nFAULT is an open-drain
output, and requires an external pull-up resistor.
When the fault condition is removed, the
nFAULT pin is pulled inactive high by the pull-
up resistor.
Over-Current Protection (OCP)
If the current through any MOSFET exceeds
the over-current (OC) threshold for longer than
the over-current deglitch time, an over-current
fault is triggered.
If an OC fault occurs, the state of the output is
reversed until the current approaches 0A. Then
both MOSFETs are disabled, and the nFAULT
pin is driven low. The driver remains disabled
for about 1.6ms, then is automatically re-
enabled.
OC conditions are sensed on both the high-side
(HS) and low-side (LS) devices. OC conditions
include a short to ground, to supply, or across
the motor winding, which results in an over-
current shutdown). Note that OCP does not use
the same current-sense circuitry that is used for
PWM current control, so it is independent of the
ISET resistor value.
Open-Load Detection
When the output is in a high-impedance state
(EN = 0), the internal circuits pull the OUT pin to
VIN / 2 by a weak current. If a load is connected
between OUT and ground, then the load pulls
the OUT pin close to ground. If a load is
connected to VIN, then OUT is pulled close to
the value on VIN.
If the voltage on OUT (VOUT) is almost VIN / 2,
an open-load condition is detected, and the
nFAULT pin is driven active low. The fault is
cleared when EN is made active.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If the voltage on VIN (VIN) falls below the under-
voltage lockout (UVLO) threshold at any time,
all circuitry in the device is disabled and the
internal logic is reset. Once VIN exceeds the
UVLO
threshold,
the
MPQ6610
resumes
normal operation.
Over-Voltage Protection (OVP)
If VIN exceeds the over-voltage protection (OVP)
threshold, the device is disabled. Once VIN falls
below
the
OVP
threshold,
the
MPQ6610
resumes normal operation.
Thermal Shutdown
If the die temperature exceeds its safe limits, all
MOSFETs in the H-bridge are disabled, and the
nFAULT
pin
goes
low.
Once
the
die
temperature drops to a safe level, the device
automatically resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com