Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPQ8626GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 18Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 19Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
16
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
targeted value. When VFB is higher than 105% *
REF but below the over-voltage protection
(OVP) threshold, OSM is triggered. During
OSM, the LS-FET remains on until it reaches
the -4A negative current limit. The LS-FET is
then turned off, the HS-FET is turned on
momentarily for 100ns, and then the LS-FET is
turned on again. The MPQ8626 repeats this
operation until VFB drops below 102% * REF.
The MPQ8626 exits OSM after 15 consecutive
cycles of forced CCM.
Over-Voltage Protection (OVP)
The MPQ8626 monitors the output voltage by
connecting FB to the tap of the output voltage
feedback resistor divider to detect an over-
voltage condition. This provides hiccup OVP.
If VFB exceeds 116% of VREF, OVP is triggered.
PG is pulled low until the over-voltage (OV)
condition is cleared. The LS-FET is turned on
until it reaches the low-side negative current
limit of -8A (NOCP). The LS-FET is then turned
off momentarily for 100ns, and the HS-FET is
turned on. After 100ns, the LS-FET is turned on
again. The MPQ8626 continues this operation
to discharge the over-voltage condition on the
output. The device exits OVP discharge mode
when VFB drops below 105% * REF. PGOOD is
pulled high again a 1ms delay.
Over-Temperature Protection (OTP)
The MPQ8626 has over-temperature protection
(OTP). The MPQ8626 monitors the junction
temperature
internally.
If
the
junction
temperature
exceeds
the
threshold
value
(typically 160°C), the converter shuts off. There
is a hysteresis of about 20°C. Once the junction
temperature drops to around 140°C, a new SS
is initiated.
Output Voltage Setting and Remote Output
Voltage Sensing
First, choose a value for R1. Then R2 can be
determined with Equation (5):
REF
21
O
REF
V
R (k )
R (k )
VV
 =
−
(5)
Where VREF is 600mV.
To optimize the load transient response, a feed-
forward capacitor (CFF) is recommended to be
added in parallel to R1. R1 and CFF add an
extra zero to the system, which improves loop
response. R1 and CFF are selected so that the
zero formed by R1 and CFF is located around
20 ~ 60kHz. fZ can be determined with Equation
(6):
Z
FF
1
f
2
R1 C
=

(6)
Power Good (PGOOD)
The MPQ8626 has a power good (PGOOD)
output.
PGOOD
is
the
open
drain
of
a
MOSFET. Connect PGOOD to VCC or another
external voltage source less than 3.6V through
a pull-up resistor (typically 10
kΩ). After applying
the input voltage, the MOSFET turns on, so
PGOOD is pulled to GND before TRK/REF is
ready. After VFB reaches 92.5% of VREF,
PGOOD is pulled high after a 0.8ms delay.
When VFB drops to 80% of VREF or exceeds 116%
of the nominal VREF, PGOOD is latched low.
PGOOD can be pulled high again only after a
new SS.
If the input supply fails to power the MPQ8626,
PGOOD is clamped low, even though PGOOD
is tied to an external DC source through a pull-
up resistor. The relationship between the
PGOOD voltage and the pull-up current is
shown in Figure 5.
Figure 5: PGOOD Clamped Voltage vs. Pull-Up
Current
Enable (EN) Configuration
The MPQ8626 turns on when EN goes high
and turns off when EN goes low. EN cannot be
left floating for proper operation. EN can be
driven by an analog or digital control logic
signal to enable or disable the MPQ8626.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com