Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD6325C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD6325C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6325C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD6325C Datasheet HTML 7Page - Renesas Technology Corp UPD6325C Datasheet HTML 8Page - Renesas Technology Corp UPD6325C Datasheet HTML 9Page - Renesas Technology Corp UPD6325C Datasheet HTML 10Page - Renesas Technology Corp UPD6325C Datasheet HTML 11Page - Renesas Technology Corp UPD6325C Datasheet HTML 12Page - Renesas Technology Corp UPD6325C Datasheet HTML 13Page - Renesas Technology Corp UPD6325C Datasheet HTML 14Page - Renesas Technology Corp UPD6325C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9
µPD6325, µPD6326, µPD6335, µPD6336
•TA = 85
°C
60
VDD = 5 V
40
20
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
VDD = 10 V
100
50
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
200
VDD = 15 V
100
50
0
12
* VE NONL = (MEASUREMENT VALUE) – (IDEAL VALUE)
3
4
6
7
8
16
24
32
40
48
56
64
LSB
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com