Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD7566ACS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD7566ACS
Description  MOS INTEGRATED CIRCUIT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD7566ACS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD7566ACS Datasheet HTML 17Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 18Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 19Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 20Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 21Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 22Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 23Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 24Page - Renesas Technology Corp UPD7566ACS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
µPD7566A, 7566A(A)
19
2.9
SYSTEM CLOCK GENERATOR
The system clock generator consists of a ceramic oscillator, a 1/2 frequency divider, standby mode (STOP/HALT)
control circuit, and other circuits.
The ceramic oscillator can oscillate, when an external ceramic oscillator is connected across pins CL1 and CL2.
The signal output by the internal ceramic oscillator is a system clock (CL), which is then divided in two to create
a CPU clock (ø).
The standby mode control circuit mainly consists of a STOP flip-flop and HALT flip-flop.
The STOP flip-flop is set by a STOP instruction, stopping the clock supply. When the ceramic oscillator is
operating, this flip-flop stops the oscillator, setting the microcomputer in the STOP mode.
The STOP flip-flop is reset when a high-level RESET signal is input. As a result, the ceramic oscillator resumes
its operation, and the clocks supply is started, when the RESET signal later goes low.
The HALT flip-flop is set by a HALT instruction, disabling the input of the 1/2 frequency divider, which generates
CPU clock ø, and thereby stopping only CPU clock ø (HALT mode).
The HALT flip-flop is reset by the HALT RELEASE or the falling of RESET input (which becomes active when one
of the test request flags has been set), allowing the supply of ø to be started.
The HALT flip-flop remains set even while the RESET signal is active (high-level), and operates in the same
manner as in the HALT mode.
When Power-ON Reset is performed, the ceramic oscillator starts at the rising edge of the RESET signal. After
the oscillator has started, however, a specific period is required for the oscillator to stabilize. To present the CPU
from malfunctioning due to anstable clock, the HALT flip-flop is set to suppress the CPU clock ø while the RESET
signal is high. Therefore, the high-level width of the RESET signal must be greater than the time required for the
ceramic oscillator you use to stabilize.
Fig. 2-9 System Clock Generator
Note
indicates that an instruction has been executed.
CL1
CL2
Ceramic
oscillator
Oscillation
stops
Q
S
RQ
S
R
STOP F/F
HALT F/F
1/2
STOP
HALT
RESET (high)
HALT RELEASE
RESET (
)
RESET (
)
ø (to CPU)
CL (System clock)
Note
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com