Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73830/LT Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73830/LT
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830/LT Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73830/LT Datasheet HTML 9Page - Microchip Technology MCP73830/LT Datasheet HTML 10Page - Microchip Technology MCP73830/LT Datasheet HTML 11Page - Microchip Technology MCP73830/LT Datasheet HTML 12Page - Microchip Technology MCP73830/LT Datasheet HTML 13Page - Microchip Technology MCP73830/LT Datasheet HTML 14Page - Microchip Technology MCP73830/LT Datasheet HTML 15Page - Microchip Technology MCP73830/LT Datasheet HTML 16Page - Microchip Technology MCP73830/LT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2011-2019 Microchip Technology Inc.
DS20005049E-page 13
MCP73830/L
6.0
APPLICATIONS
The MCP73830/L devices are designed to operate in
conjunction with a host microcontroller or in
stand-alone applications. The MCP73830/L provide
the preferred charge algorithm for dual Lithium-Ion or
Lithium-Polymer cell’s constant current, followed by
constant
voltage.
Figure 6-1
depicts
a
typical
stand-alone application circuit, while Figure 6-2 depicts
the accompanying charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(Li-Ion Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when the device has transitioned from Preconditioning
mode to Constant-Current mode. In this situation, the
battery charger has to dissipate the maximum power. A
trade-off must be made between the charge current,
cost and thermal requirements of the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Li-Ion/Li-Poly cells
is below the 1C rate, with an absolute maximum current
at the 2C rate. The recommended fast charge
current should be obtained from the battery manu-
facturer. For example, a 500 mAh battery pack with
0.7C preferred fast charge current has a charge current
of 350 mA. Charging at this rate provides the shortest
charge cycle times without degradation to the battery
pack performance or life.
6.1.1.2
Input Overvoltage Protection (IOVP)
Input overvoltage protection must be used when the
input power source is hot-pluggable; this includes USB
cables and wall-type power supplies. The cabling of
these supplies acts as an inductor. When the supplies
are connected/disconnected from the system, large
voltage transients are created which may damage the
system circuitry. These transients should be snubbed
out. A transzorb, unidirectional or bidirectional, con-
nected from the V+ input supply connector to the 0V
ground reference will snub the transients. An example
of this can be seen in Figure 6-3.
STAT
VDD
VBAT
3
4
PROG
1
2
6
Regulated
Wall Cube
4.7 µF
2k
+
–
1-Cell
Li-Ion
Battery
VSS
5
4.7 µF
1k
CE
Hi
Lo
MCP73830/L
Note:
Please consult with your battery supplier,
or refer to the battery data sheet, for the
preferred charge rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com