Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1615 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1615
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1615 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1615 Datasheet HTML 9Page - Microchip Technology PIC16F1615 Datasheet HTML 10Page - Microchip Technology PIC16F1615 Datasheet HTML 11Page - Microchip Technology PIC16F1615 Datasheet HTML 12Page - Microchip Technology PIC16F1615 Datasheet HTML 13Page - Microchip Technology PIC16F1615 Datasheet HTML 14Page - Microchip Technology PIC16F1615 Datasheet HTML 15Page - Microchip Technology PIC16F1615 Datasheet HTML 16Page - Microchip Technology PIC16F1615 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 13
PIC16F1614/8
3.4
AC Characteristics
FIGURE 3-2:
HFINTOSC FREQUENCY ACCURACY OVER VDD AND TEMPERATURE
TABLE 3-4:
MEMORY PROGRAMMING REQUIREMENTS FOR PIC16F1615/9 (HIGH TEMP)
PIC16F16F1614/1618
Standard Operating Conditions (unless otherwise stated)
Operating Temperature: -40°C
TA +150°C for High Temperature
Param
No.
Symbol
Device Characteristic
Min.
Typ.†
Max.
Units
Conditions
Program Flash Memory
D121
EP
Cell Endurance
—
———
Programming the Flash memory
above +125°C is not permitted
D124
TRETD
Data Retention
—
20
—
Years
Note:
TABLE 3-5:
INTERNAL OSCILLATOR PARAMETERS FOR PIC16F1615/9 (HIGH TEMP)
PIC16F16F1614/1618
Standard Operating Conditions (unless otherwise stated)
Operating Temperature: -40°C
TA +150°C for High Temperature
Param
No.
Symbol
Device Characteristic
Frequency
Tolerance
Min.
Typ.†
Max.
Units
Conditions
OS08
HFOSC
Internal-Calibrated HFINTOSC
Frequency
——
16
—
MHz
-40°C
 TA  125°C
VDD  2.5V
+/-10%
—
16
—
MHz
-40°C
 TA  150°C
VDD  2.5V
OS09
LFOSC
Internal LFINTOSC Frequency
——
31
—
kHz
-40°C
 TA  125°C
VDD  2.5V
+/-35%
—
31
—
kHz
-40°C
 TA  150°C
VDD
 2.5V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
VDD (V)
150
125
85
25
0
-40
1.8
2.5
5.5
±5%
±10%
Rev. 10-000 135E
2/21/201 9
No
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com