Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34653EF/R2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC34653EF/R2
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34653EF/R2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC34653EF/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34653
TYPICAL APPLICATIONS
OVERCURRENT LIMIT
When in normal operation mode, the 34653 monitors the
load and compares (with a hysteresis) the current going
through a Sensor MOSFET with a reference current value
generated in reference to the current limit value ILIM. If the
current going through the Sensor MOSFET becomes larger
than the reference current for more than 100
µs, the
overcurrent signal is asserted, the gate of the Power
MOSFET is discharged fast (in less than 10
µs) to try to
regulate the current, and the 34653 is in overcurrent mode for
3.0 ms
. If after a 3.0 ms filter time the device is still in
overcurrent mode, the device turns off the Power MOSFET
and deactivates the power good output signals. The 34653
then initiates another start-up timer and goes back through
the enhancement process. If during the 3.0 ms timer the fault
was cleared where the load current was less than ILIM minus
the hysteresis value, which is 12% of ILIM value, then the
34653 goes back to the normal operation mode and the
power good output signals stay activated. This way the
device overcomes temporary overcurrent situations and at
the same time protects the load from more severe
overcurrent situations.
When the device passes the UVLO threshold, it checks if
there is any external resistor connected to the ILIM pin. If
there is, it determines the value of the overcurrent limit. If
there is not, it uses the default overcurrent limit value of 1.0 A.
It then uses the Sensor MOSFET to monitor the load for any
overcurrent conditions during operation as explained in the
previous paragraph.
Choosing the External Resistor RILIM Value
The user can change the current limit by adding a resistor
(RILIM) between the ILIM and VIN pins, as shown in
Figure 19, page 17. This way the 34653 device is adaptable
to different requirements and operating environments. The
overcurrent value ranges between 0.15 A and 1.25 A, with a
default value of 1.0 A. Table 8 lists examples of RILIM for
different values of ILIM and Figure 22 shows a plot of RILIM
versus ILIM. It is recommended that the closest 1% standard
resistor value to the actual value be chosen.
Note Accuracy requirements are application dependent.
To calculate the value of the RILIM resistor we use the
following equations:
ILIM(A) = 129 / [RILIM(kΩ) + 1.4 kΩ]
RILIM(kΩ) = [129 / ILIM(A)] - 1.4 kΩ
Table 8. RILIM Values for Some Desired ILIM Values
Figure 22. External Resistor (RILIM) Value Versus
Current Limit Value (ILIM)
SHORT CIRCUIT DETECTION
If the current going through the load becomes > 5.0 A, the
Power MOSFET is discharged very fast (in less than 10
µs)
to try to regulate the current, and the 34653 is in the
overcurrent mode for 3.0 ms. Then it follows the pattern
outlined in the Overcurrent Limit paragraph above.
ILIM(A)
RILIM(kΩ)
0.15
859.71
0.2
644.43
0.3
429.15
0.4
321.52
0.5
256.93
0.6
213.88
0.7
183.12
0.8
160.06
0.9
142.12
1.0
127.77
1.1
116.02
1.2
106.24
1.25
101.93
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
0.00.2
0.40.6
0.81.0
1.21.4
ILIM (A)
ILIM (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com