Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16331GF-3B9 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16331GF-3B9
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331GF-3B9 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16331GF-3B9 Datasheet HTML 9Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 10Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 11Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 12Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 13Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 14Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 15Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 16Page - Renesas Technology Corp UPD16331GF-3B9 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11
µPD16331
PACKAGE DRAWING
ITEM
MILLIMETERS
INCHES
G
Q
F
1.8
0.125±0.075
1.0
S
0.031
0.005±0.003
0.039
S80GF-80-3B9-3
NOTE
Each lead centerline is located within 0.15 mm (0.006 inch) of
its true position (T.P.) at maximum material condition.
3.0 MAX.
0.119 MAX.
D
17.2±0.2
0.677±0.008
R5
°±5°
5
°±5°
B
20.0±0.2
0.787 +0.009
–0.008
A
23.2±0.2
0.913+0.009
–0.008
80 PIN PLASTIC QFP (14 20)
C
14.0±0.2
0.551 +0.009
–0.008
J
0.8 (T.P.)
0.031 (T.P.)
I
0.15
0.006
H
0.35±0.10
0.014 +0.004
–0.005
P
2.7
0.106
N
0.10
0.004
L
0.8±0.2
0.031 +0.009
–0.008
M
0.15
0.006 +0.004
–0.003
K
1.6±0.2
0.063±0.008
+0.10
–0.05
detail of lead end
M
64
65
40
80
1
25
24
41
A
B
C D
F
G
H
I
J
K
M
L
N
P
S
Q
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com