Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD9611 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD9611
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9611 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD9611 Datasheet HTML 9Page - Renesas Technology Corp UPD9611 Datasheet HTML 10Page - Renesas Technology Corp UPD9611 Datasheet HTML 11Page - Renesas Technology Corp UPD9611 Datasheet HTML 12Page - Renesas Technology Corp UPD9611 Datasheet HTML 13Page - Renesas Technology Corp UPD9611 Datasheet HTML 14Page - Renesas Technology Corp UPD9611 Datasheet HTML 15Page - Renesas Technology Corp UPD9611 Datasheet HTML 16Page - Renesas Technology Corp UPD9611 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
µPD9611
11
Table of Gain Setting Codes
(1/2)
Setting Item
Setting
1st Word
2nd Word
Level
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Gain setting for transmit
+7.5 dB
01––
ch1 ch2 ch3 ch4
11010000
+7.0 dB
11010001
+6.5 dB
11010010
+6.0 dB
11010011
+5.5 dB
11010100
+5.0 dB
11010101
+4.5 dB
11010110
+4.0 dB
11010111
+3.5 dB
11011000
+3.0 dB
11011001
+2.5 dB
11011010
+2.0 dB
11011011
+1.5 dB
11011100
+1.0 dB
11011101
+0.5 dB
11011110
0.0 dBNote
11011111
–0.5 dB
11000000
–1.0 dB
11000001
–1.5 dB
11000010
–2.0 dB
11000011
–2.5 dB
11000100
–3.0 dB
11000101
–3.5 dB
11000110
–4.0 dB
11000111
–4.5 dB
11001000
–5.0 dB
11001001
–5.5 dB
11001010
–6.0 dB
11001011
–6.5 dB
11001100
–7.0 dB
11001101
–7.5 dB
11001110
–8.0 dB
11001111
Note Default setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com