Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M61529FP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M61529FP Datasheet HTML 16Page - Renesas Technology Corp M61529FP Datasheet HTML 17Page - Renesas Technology Corp M61529FP Datasheet HTML 18Page - Renesas Technology Corp M61529FP Datasheet HTML 19Page - Renesas Technology Corp M61529FP Datasheet HTML 20Page - Renesas Technology Corp M61529FP Datasheet HTML 21Page - Renesas Technology Corp M61529FP Datasheet HTML 22Page - Renesas Technology Corp M61529FP Datasheet HTML 23Page - Renesas Technology Corp M61529FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 20 of 23
(d) External Input Setting, Surround ON, Tone ON, Bass boost ON
Surround
INA to IND
MIC MIX (Mix Level 0dB)
Volume
Selector (4+MUTE)
Tone Control
Input ATT
+3.5/0/-5dB
Tone ATT
0/- 8.2dB
Output
for Supectrum Analyzer (L+R/2)
Super woofer Output (L+R/2)
Bass boost
OUT
INex
RECB
Maximum Output Voltage (Typ:2.0Vrms)
Maximum Output Voltage (Typ:2.2Vrms)
Maximum Input Voltage(Typ:2.2Vrms)
Surround ON
Tone ON
External Input ATT
+3/0/-3/-6dB
(e) Vocal Cut ON, Surround Bypass, Bass boost ON
Surround
INA to IND
MIC MIX (MIX Level 0dB)
Vol me
Select or (4+MUTE)
Tone control
Input ATT
+3.5/0/-5dB
Tone ATT
0/-8.2dB
Output for Spectrum Analyzer (L+R/2)
Super woofer Output(L+R/2)
Bass boost
OUT
RECA
RECB
Maximum Output Voltage (Typ:2.0Vrms)
Maximum Output Voltage (Typ:2.2Vrms)
Maximum Input Voltage (Typ:2.2Vrms)
Surround Bypass
Vocal Cut ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com