Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND02G-B2C Datasheet(PDF) 27 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 23Page - STMicroelectronics NAND02G-B2C Datasheet HTML 24Page - STMicroelectronics NAND02G-B2C Datasheet HTML 25Page - STMicroelectronics NAND02G-B2C Datasheet HTML 26Page - STMicroelectronics NAND02G-B2C Datasheet HTML 27Page - STMicroelectronics NAND02G-B2C Datasheet HTML 28Page - STMicroelectronics NAND02G-B2C Datasheet HTML 29Page - STMicroelectronics NAND02G-B2C Datasheet HTML 30Page - STMicroelectronics NAND02G-B2C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
27/62
6.4
Copy Back Program
The Copy Back Program operation is used to copy the data stored in one page and
reprogram it in another page.
The Copy Back Program operation does not require external memory and so the operation
is faster and more efficient because the reading and loading cycles are not required. The
operation is particularly useful when a portion of a block is updated and the rest of the block
needs to be copied to the newly assigned block.
If the Copy Back Program operation fails an error is signalled in the Status Register.
However as the standard external ECC cannot be used with the Copy Back Program
operation bit error due to charge loss cannot be detected. For this reason it is recommended
to limit the number of Copy Back Program operations on the same data and or to improve
the performance of the ECC.
The Copy Back Program operation requires four steps:
1.
The first step reads the source page. The operation copies all 1056 Words/ 2112 Bytes
from the page into the Data Buffer. It requires:
–
one bus write cycle to setup the command
–
4 or 5 bus write cycles to input the source page address (see Table 6 and Table 7)
–
one bus write cycle to issue the confirm command code
2.
When the device returns to the ready state (Ready/Busy High), the next bus write cycle
of the command is given with the 4 or 5 bus cycles to input the target page address
(see Table 6 and Table 7). Refer to Table 11 for the addresses that must be the same
for the Source and Target pages.
3.
Then the confirm command is issued to start the P/E/R Controller.
To see the Data Input cycle for modifying the source page and an example of the Copy Back
Program operation refer to Figure 11.
A data input cycle to modify a portion or a multiple distant portion of the source page, is
shown in Figure 12.
Table 11.
Copy Back Program x8 Addresses
Density
Same Address for Source and Target Pages
1 Gbit
no constraint
2 Gbit
A28
Table 12.
Copy Back Program x16 Addresses
Density
Same Address for Source and Target Pages
1 Gbit
no constraint
2 Gbit
A27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com