Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01GR4B2BN1E Datasheet(PDF) 21 Page - STMicroelectronics

Part # NAND01GR4B2BN1E
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR4B2BN1E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button NAND01GR4B2BN1E Datasheet HTML 17Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 18Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 19Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 20Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 21Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 22Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 23Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 24Page - STMicroelectronics NAND01GR4B2BN1E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
21/62
6
Device operations
The following section gives the details of the device operations.
6.1
Read Memory Array
At Power-Up the device defaults to Read mode. To enter Read mode from another mode the
Read command must be issued, see Table 10: Commands.
Once a Read command is issued two types of operations are available: Random Read and
Page Read.
6.1.1
Random Read
Each time the Read command is issued the first read is Random Read.
6.1.2
Page Read
After the first Random Read access, the page data (2112 Bytes or 1056 Words) is
transferred to the Page Buffer in a time of tWHBH (refer to Table 25 for value). Once the
transfer is complete the Ready/Busy signal goes High. The data can then be read out
sequentially (from selected column address to last column address) by pulsing the Read
Enable signal.
The device can output random data in a page, instead of the consecutive sequential data, by
issuing a Random Data Output command.
The Random Data Output command can be used to skip some data during a sequential
data output.
The sequential operation can be resumed by changing the column address of the next data
to be output, to the address which follows the Random Data Output command.
The Random Data Output command can be issued as many times as required within a
page.
The Random Data Output command is not accepted during Cache Read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com