Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA46 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA46
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA46 Datasheet(HTML) 1 Page - Cirrus Logic

  PA46 Datasheet HTML 1Page - Cirrus Logic PA46 Datasheet HTML 2Page - Cirrus Logic PA46 Datasheet HTML 3Page - Cirrus Logic PA46 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• MONOLITHIC MOS TECHNOLOGY
• PROGRAMMABLE I
Q (5 or 50 mA MAX)
• LOW COST
• HIGH VOLTAGE OPERATION—150V
• HIGH SLEW RATE—27V/
µs
• HIGH POWER—5A, 75W DISSIPATION
APPLICATIONS
• MAGNETIC DEFLECTION
• PA AUDIO
• MOTOR DRIVE
• NOISE CANCELLATION
DESCRIPTION
The PA46 is a high power monolithic MOSFET operational
amplifier that achieves performance levels unavailable even in
many hybrid amplifier designs. Inputs are protected from
excessive common mode and differential mode voltages as
well as static discharge. The safe operating area (SOA) has no
second breakdown limitations and can be observed with all
type loads by choosing an appropriate current limiting resistor.
External compensation provides the user flexibility in choosing
optimum gain and bandwidth for the application. Class C
operation with resulting low quiescent current is pin program-
mable. A shutdown input turns off the output stage.
This circuit utilizes a beryllia oxide (BeO) substrate to
minimize thermal resistance. The 10-pin power SIP package
is electrically isolated.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
PA46
+80
RC
CC
RCL
RI
–20
CF
RD
RF
RS
YOKE
VI
±2.5A 7µSec Retrace
Horizontal Deflection Coil Amplifiers
10
4
1
2
6
8
9
5
Horizontal deflection amplifiers require both high speed and
low distortion. The speed at which current can be changed in a
deflection coil is a function of the voltage available from the op
amp. In this application an 80 volt power supply is used for the
retrace polarity to provide a 7
µSec retrace time, half of which is
required for amplifier slewing. This circuit can perform 15.75
KHz deflection in up to 50
µH coils at up to 5A p-p.
CC1
CC2
8
7
3
9
Q19
Q17
Q16
Q15
Q14
Q9
Q10
Q7
D7
Q21
Q20
–VS
+IN
–IN
Q11
Q12
D4
D2
Q3
D3
D5
Q8
Q13
Q24
D1
Q2
SHDN
Q5
Q6
+VS
CURRENT
SENSE
OUTPUT
DRIVE
IQ
6
5
10
1
2
4
10
89
67
45
12
3
–IN
+IN SHDN –VS OUT +VS
IQ
CC1 CC2 ILIM
RC
RCL
CC
OUTPUT
CC is NPO rated for full suppy voltage.
Phase Compensation
Gain
CC
RC
≥10
10pF
1K
Ω
≥ 1
68pF
1K
Ω
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46
EXTERNAL CONNECTIONS
Package: SIP02


Similar Part No. - PA46

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
PA4684-T7 PROTEC-PA4684-T7 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
PA4684DN PROTEC-PA4684DN Datasheet
170Kb / 9P
Dual SPDT Analog Switch
More results

Similar Description - PA46

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com