Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MURL16100FCT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MURL16100FCT
Description  16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MURL16100FCT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MURL16100FCT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MURL16100FCT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
ITO-220AB/TO-220F-3L
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case:Isolated fully plastic ITO-220AB/TO-220F-3L package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.0 gram approximately
MURL1620FCT thru MURL16120FCT
Pb Free Plating Product
MURL1620FCT thru MURL16120FCT
Pb
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
80
Typical Thermal Resistance (Note 3)
3.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x8.0A=16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
160
Maximum Instantaneous Forward Voltage
@8.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
MURL1620FCT
MURL1640FCT
MURL1660FCT
MURL1680FCT
MURL16100FCT MURL16120FCT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
MURL1630FCT
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Doubler Polarity
Case
Series
Series Connection
Prefix "MURA"
Prefix "MURR"
Prefix "MURL"
Prefix "MUR"


Similar Part No. - MURL16100FCT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURL16100CT THINKISEMI-MURL16100CT Datasheet
270Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MURL16100FCT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F60SA60DS THINKISEMI-F60SA60DS Datasheet
1Mb / 3P
16.0 Ampere Insulated Stealth Dual Series Connection Fast Recovery Rectifiers
MUR1620FCS THINKISEMI-MUR1620FCS Datasheet
373Kb / 2P
16.0 Ampere Insulated Series Connection Ultra Fast Recovery Rectifiers
MURF1620CTS THINKISEMI-MURF1620CTS Datasheet
373Kb / 2P
16.0 Ampere Insulated Series Connection Ultra Fast Recovery Rectifiers
URF1620S THINKISEMI-URF1620S Datasheet
383Kb / 2P
16.0 Ampere Insulated Series Connection Ultra Fast Recovery Rectifiers
MURF1620GD THINKISEMI-MURF1620GD Datasheet
465Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
UF1620GD THINKISEMI-UF1620GD Datasheet
377Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
MURF1680CTS THINKISEMI-MURF1680CTS Datasheet
356Kb / 2P
16.0 Ampere Insulated Series Connection Ultra Fast Recovery Rectifiers
SDURF1620CTS THINKISEMI-SDURF1620CTS_V01 Datasheet
271Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
MURF1620CS THINKISEMI-MURF1620CS Datasheet
265Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620FCL THINKISEMI-MUR1620FCL Datasheet
294Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com