Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDXS2UAT_SER Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PESDXS2UAT_SER
Description  Double ESD protection diodes in SOT23 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXS2UAT_SER Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PESDXS2UAT_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESDXS2UAT_SER Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2004 Feb 18
8
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT23 package
PESDxS2UAT series
001aaa270
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IR
IR(25˚C)
(1)
Fig.8
Relative variation of reverse leakage
current as a function of junction
temperature; typical values.
IR is less than 10 nA at 150 °C for:
PESD12V52UAT; VRWM =12V.
PESD15VS2UAT; VRWM =15V.
PESD24VS2UAT; VRWM =24V.
(1) PESD3V3S2UAT; VRWM = 3.3 V.
PESD5V0S2UAT; VRWM =5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com