Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDXS2UQ_SER Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESDXS2UQ_SER
Description  Double ESD protection diodes in SOT663 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXS2UQ_SER Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESDXS2UQ_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXS2UQ_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESDXS2UQ_SER_4
Product data sheet
Rev. 04 — 26 January 2010
7 of 13
Nexperia
PESDxS2UQ series
Double ESD protection diodes in SOT663 package
(1) PESD3V3S2UQ; VRWM =3.3 V
(2) PESD5V0S2UQ; VRWM =5V
IR is less than 15 nA at 150 °C for:
PESD12VS2UQ; VRWM =12V
PESD15VS2UQ; VRWM =15V
PESD24VS2UQ; VRWM =24V
Fig 7.
Relative variation of reverse leakage current as a function of junction temperature; typical values
001aaa729
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com