Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16682A Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD16682A
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16682A Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD16682A Datasheet HTML 46Page - Renesas Technology Corp UPD16682A Datasheet HTML 47Page - Renesas Technology Corp UPD16682A Datasheet HTML 48Page - Renesas Technology Corp UPD16682A Datasheet HTML 49Page - Renesas Technology Corp UPD16682A Datasheet HTML 50Page - Renesas Technology Corp UPD16682A Datasheet HTML 51Page - Renesas Technology Corp UPD16682A Datasheet HTML 52Page - Renesas Technology Corp UPD16682A Datasheet HTML 53Page - Renesas Technology Corp UPD16682A Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Data Sheet S14402EJ1V0DS
48
µµµµPD16682A
(VDD = 2.7 to 4.5 V )
Parameter
Symbol
Conditions
MIN.
TYP.
Note
MAX.
Unit
Address hold time
tAH6
A0
0
ns
Address setup time
tAS6
A0
0
ns
System cycle time
tCYC6
300
ns
Data setup time
tDS6
D0 to D7
40
ns
Data hold time
tDH6
D0 to D7
15
ns
Access time
tACC6
D0 to D7, CL = 100 pF
140
ns
Output disable time
tOH6
D0 to D7, CL = 100 pF
10
ns
Read
tEWHR
E
120
ns
Enable H pulse width
Write
tEWHW
E60
ns
Read
tEWLR
E60
ns
Enable L pulse width
Write
tEWLW
E60
ns
Note The TYP. value is a reference value when TA = 25
°C.
(VDD = 2.4 to 2.7 V )
Parameter
Symbol
Conditions
MIN.
TYP.
Note
MAX.
Unit
Address hold time
tAH6
A0, R,/W
0
ns
Address setup time
tAS6
A0, R,/W
0
ns
System cycle time
tCYC6
1000
ns
Data setup time
tDS6
D0 to D7
80
ns
Data hold time
tDH6
D0 to D7
30
ns
Access time
tACC6
D0 to D7, CL = 100 pF
280
ns
Output disable time
tOH6
D0 to D7, CL = 100 pF
10
ns
Read
tEWHR
E
240
ns
Enable H pulse width
Write
tEWHW
E
120
ns
Read
tEWLR
E
120
ns
Enable L pulse width
Write
tEWLW
E
120
ns
Note The TYP. value is a reference value when TA = 25
°C.
Remarks 1. The rise and fall times (tr and tf) of input signals are rated at 15 ns or less. When using a fast system
cycle time, the rated value range is either (tr + tf)
≤ (tCYC6–tEWLW–tEWHW) or (tr + tf) ≤ (tCYC6–tEWLR–tEWHR).
2. All timing is rated based on 20% or 80% of VDD.
3. tEWHW and tEWLW are rated as the overlap time when /CS1 is at low level (CS2 = H) and E is at high
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com