| Electronic Components Datasheet Search |
|
UPD16682AW Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16682AW Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 58 page ![]() Data Sheet S14402EJ1V0DS 37 µµµµPD16682A Figure 12–5. Power Save Static indicator OFF Static indicator ON Power save (compound command) Sleep mode Static indicator ON Reset command Standby mode Power save OFF (Display all OFF command) Cancel sleep mode Cancel standby mode Power save OFF (Display all OFF command) 12.20.1 Sleep mode During this mode, all LCD operations are stopped and there is no access from the CPU, so current consumption can be reduced almost as low as the static current level. The internal status during sleep mode is as follows. (1) The oscillation circuit and LCD power supply circuit are stopped. (2) All LCD drive circuits are stopped and both segment and common driver outputs output at the VSS level. 12.20.2 Standby mode During this mode, all duty LCD display system operations are stopped and only the static drive system for the indicators operate, which reduces the current consumption to the minimum amount needed for static drive. The internal status during standby mode is as follows. (1) The LCD’s power supply circuit is stopped. The oscillation circuit operates. (2) The duty drive system’s LCD drive circuit is stopped and both segment and common driver outputs output at the VSS level. The static drive system operates. When a reset command is executed while in standby mode, it sets sleep mode. Remarks1. If you are using an external power supply, we recommend that you stop the external power supply circuit’s functions when activating the power save function. For example, if you are using an external divided resistor circuit to provide LCD drive voltage at different levels, we recommend that you add a circuit to cut the current flowing on the divided resistor circuit while the power save function is being activated. 2. The µ PD16682A includes the /DOF pin which is used to control blinking LCD displays is set to low level when activating the power save function. The output from /DOF can be used to stop the external power supply circuit's function. 3. When the display has been set to OFF mode, executing the display all ON command sets power save mode no matter which command is entered afterward. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |