Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16732A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16732A
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16732A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16732A Datasheet HTML 17Page - Renesas Technology Corp UPD16732A Datasheet HTML 18Page - Renesas Technology Corp UPD16732A Datasheet HTML 19Page - Renesas Technology Corp UPD16732A Datasheet HTML 20Page - Renesas Technology Corp UPD16732A Datasheet HTML 21Page - Renesas Technology Corp UPD16732A Datasheet HTML 22Page - Renesas Technology Corp UPD16732A Datasheet HTML 23Page - Renesas Technology Corp UPD16732A Datasheet HTML 24Page - Renesas Technology Corp UPD16732A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet S13972EJ3V0DS00
19
µµµµ PD16732A, 16732B
12. RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met for soldering conditions of the
µ PD16732A, 16732B.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other soldering process is used, or in case the soldering is done
under different conditions.
µµµµ PD16732AN-xxx, µµµµ PD16732BN-×××
×××
×××
××× : TCP (TAB package)
Mounting Condition
Mounting Method
Condition
Soldering
Heating tool 300 to 350°C: heating for 2 to 3 seconds: pressure 100g (per
solder)
Thermocompression
ACF
(Adhesive
Conductive Film)
Temporary bonding 70 to 100°C: pressure 3 to 8 kg/cm
2 : time 3 to 5
seconds.
Real bonding 165 to 180°C: pressure 25 to 45 kg/cm
2 : time 30 to 40
seconds. (When using the anisotropy conductive film SUMIZAC1003 of
Sumitomo Bakelite, Ltd.)
Caution To find out the detailed conditions for packaging the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more packaging methods at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com