Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4522-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4522-2
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4522-2 Datasheet HTML 9Page - Analog Devices ADA4522-2 Datasheet HTML 10Page - Analog Devices ADA4522-2 Datasheet HTML 11Page - Analog Devices ADA4522-2 Datasheet HTML 12Page - Analog Devices ADA4522-2 Datasheet HTML 13Page - Analog Devices ADA4522-2 Datasheet HTML 14Page - Analog Devices ADA4522-2 Datasheet HTML 15Page - Analog Devices ADA4522-2 Datasheet HTML 16Page - Analog Devices ADA4522-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 13 of 29
100
10M
140
0
FREQUENCY (Hz)
20
40
60
80
100
120
VS = 30V
VCM = VS/2
1k
10k
100k
1M
PSRR+
PSRR –
Figure 24. PSRR vs. Frequency
60
–20
0
–10
10
30
50
20
40
100
100M
10M
FREQUENCY (Hz)
1k
10k
100k
1M
VS = ±15V
RL, EFF = 10kΩ
G = –1, CF = 4.7pF
G = –1
G = +1
G = +10
G = +100
Figure 25. Closed-Loop Gain vs. Frequency (CF Is the Feedback Capacitor and
RL, EFF Is the Effective Load Resistance)
100
–60
10k
10M
FREQUENCY (Hz)
–40
–20
0
20
40
60
80
VS = ±2.5V
RL = 10kΩ
100K
1M
135
–45
0
45
90
CL = 0pF
CL = 50pF
CL = 200pF
Figure 26. Gain and Phase vs. Frequency, VS = ±2.5 V
(CL Is the Load Capacitance)
100
–60
10k
10M
FREQUENCY (Hz)
–40
–20
0
20
40
60
80
VS = ±15V
RL = 10kΩ
100K
1M
135
–45
0
45
90
CL = 0pF
CL = 50pF
CL = 200pF
Figure 27. Gain and Phase vs. Frequency, VS = ±15 V
VS = ±2.5V, G = +1, RL = 2kΩ,
POWER SUPPLY BYPASS = 10nF
TIME (40µs/DIV)
SD – SDCOM (2V/DIV)
SUPPLY CURRENT
(5mA/DIV)
(500m/DIV)
VIN
VOUT
Figure 28. Shutdown Transient with Sinusoid Input, VS = ±2.5 V
VS = ±15V, G = +1, RL = 2kΩ,
POWER SUPPLY BYPASS = 10nF
SD – SDCOM (2V/DIV)
SUPPLY CURRENT
(5mA/DIV)
(500m/DIV)
VIN
VOUT
TIME (40µs/DIV)
Figure 29. Shutdown Transient with Sinusoid Input, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com