Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16835 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16835
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16835 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16835 Datasheet HTML 17Page - Renesas Technology Corp UPD16835 Datasheet HTML 18Page - Renesas Technology Corp UPD16835 Datasheet HTML 19Page - Renesas Technology Corp UPD16835 Datasheet HTML 20Page - Renesas Technology Corp UPD16835 Datasheet HTML 21Page - Renesas Technology Corp UPD16835 Datasheet HTML 22Page - Renesas Technology Corp UPD16835 Datasheet HTML 23Page - Renesas Technology Corp UPD16835 Datasheet HTML 24Page - Renesas Technology Corp UPD16835 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet G11594EJ2V0DS00
19
µµµµPD16835
(Data Update Timing)
The standard data (pulse width, number of pulses, rotation direction, current setting, and ENABLE) of this product
are set and updated at the following latch timing.
Table 5-14. Data Update Timing
ENABLE change
1
→ 10 → 11 → 00 → 0
Pulse width
FF2
↓
FF2
↓
FF2
↓
-
Number of pulses
FF2
↓
FF2
↓
FF2
↓
-
Rotation direction
FF2
↓
FF2
↓
FF2
↓
-
Current setting
FF2
↓
FF1
↓
FF2
↓
-
ENABLE
FF2
↓
FF1
↓
FF2
↓
-
The timing at which data is to be updated differs, as shown in Table 5-14, depending on the enabled status.
For example, suppose the enable signal is currently “0” (output high impedance) and “1” (output conduction) is input
by the next data. In this case, the pulse width, number of pulses, and rotation direction signals are updated at
FF2(upon the completion of start up wait), and the current setting and ENABLE signals are updated at FF1 (upon
completion of start up drive wait).
VD
FF1
Start up wait
FF2
Start up wait +
start up drive wait
Pulse output
VD
LATCH
I1
Pulse width, number of pulses, and rotation direction
are updated.
Current setting and ENABLE are updated
(ENABLE change: 0 to 1).
Initial data
identification
(1)
S1
(2)
S2
(3)
S3
Standard data
identification
I1 data is output.
FF1, FF2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com