Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRDCIP1001-B Datasheet(PDF) 2 Page - International Rectifier

Part # IRDCIP1001-B
Description  200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP1001-B Datasheet(HTML) 2 Page - International Rectifier

  IRDCIP1001-B Datasheet HTML 1Page - International Rectifier IRDCIP1001-B Datasheet HTML 2Page - International Rectifier IRDCIP1001-B Datasheet HTML 3Page - International Rectifier IRDCIP1001-B Datasheet HTML 4Page - International Rectifier IRDCIP1001-B Datasheet HTML 5Page - International Rectifier IRDCIP1001-B Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.irf.com
2
IRDCiP1001-B
Table 1 - PWM IC Voltage Identification Codes
Fig. 1 - Load line curve
* Shutdown : Upon receipt of the shutdown code (per VID code table above), both FETs are turned OFF and the output
is discharged as it enters UVP fault mode.
For output voltages above the DAC maximum setting of 2V, refer to Equation 1 below to calculate the
required resistor values for R3 & R4 (needed in order to achieve the extended output voltage range).
0
5
10
15
20
25
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
VIN = 3.3V,
200kHz
VIN = 5V to 12V
200kHz/300kHz
D4
D3
D2
D1
D0
Output
Voltage
(V)
D4
D3
D2
D1
D0
Output
Voltage
(V)
00
000
2.00
10
000
1.275
00
001
1.95
10
001
1.250
00
010
1.90
10
010
1.225
00
011
1.85
10
011
1.200
00
100
1.80
10
100
1.175
00
101
1.75
10
101
1.150
00
110
1.70
10
110
1.125
00
111
1.65
10
111
1.100
01
000
1.60
11
000
1.075
01
001
1.55
11
001
1.050
01
010
1.50
11
010
1.025
01
011
1.45
11
011
1.000
01
100
1.40
11
100
0.975
01
101
1.35
11
101
0.950
01
110
1.30
11
110
0.925
0
1
1
1
1
Shutdown*
1
1
1
1
1
Shutdown*
Equation 1 : Vout = V
F x (1 + R3/R4)
where V
F is equal to the DAC setting and R4 is recommended to be ~1kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com