Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6730CQ Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 21Page - STMicroelectronics L6730CQ Datasheet HTML 22Page - STMicroelectronics L6730CQ Datasheet HTML 23Page - STMicroelectronics L6730CQ Datasheet HTML 24Page - STMicroelectronics L6730CQ Datasheet HTML 25Page - STMicroelectronics L6730CQ Datasheet HTML 26Page - STMicroelectronics L6730CQ Datasheet HTML 27Page - STMicroelectronics L6730CQ Datasheet HTML 28Page - STMicroelectronics L6730CQ Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
L6730C - L6730D
Device description
25/50
During the constant-current-protection if the Vout becomes lower than 80% of the programmed
value an UV (under-voltage) is detected and the device enters in HICCUP mode. The under-
voltage-lock-out (UVLO) is adjustable by the multifunction pin (see Chapter 5.10 on page 25).
It’s possible to set two different thresholds:
4.2V for 5V Bus
8.6V for 12V Bus
Working with a 12V BUS, setting the UVLO at 8.6V can be very helpful to limit the input current
in case of BUS fall.
5.9
Adjustable masking time
By connecting the masking-time pin to VCCDR or GND it is possible to select two different
values for the peak -current-protection leading edge blanking time. This is useful to avoid any
false OCP trigger due to spikes and oscillations generated at the turn-on of the high-side
MOSFET(s). The amount of this noise depends a lot on the layout, MOSFETs, free-wheeling
diode, switched current and input voltage. In case of good layout and medium current, the
minimum masking time can be chosen, while in case of higher noise, it’s better to select to
maximum one. Connecting Tmask pin to VCCDR the masking time is about 400ns while
connecting it to GND the resulting masking time is about 260ns.
5.10
Multifunction pin (S/O/U L6730C) (CC/O/U L6730D)
With this pin it is possible:
To enable-disable the sink-mode-current capability (L6730C) or the constant current
protection (L6730D) at the end of the soft-start;
To enable-disable the latch-mode for the OVP;
To set the UVLO threshold for 5V BUS and 12V BUS.
Table 6 shows how to set the different options through an external resistor divider:
Figure 20. External resistor
R1
R2
L6730/B
S/O/U
CC/O/U
VCCDR
L6730C/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com