Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD72862 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD72862
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72862 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD72862 Datasheet HTML 17Page - Renesas Technology Corp UPD72862 Datasheet HTML 18Page - Renesas Technology Corp UPD72862 Datasheet HTML 19Page - Renesas Technology Corp UPD72862 Datasheet HTML 20Page - Renesas Technology Corp UPD72862 Datasheet HTML 21Page - Renesas Technology Corp UPD72862 Datasheet HTML 22Page - Renesas Technology Corp UPD72862 Datasheet HTML 23Page - Renesas Technology Corp UPD72862 Datasheet HTML 24Page - Renesas Technology Corp UPD72862 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet S14265EJ2V0DS00
19
µµµµPD72862
2.2.1 Offset_14/18
Base_Address_1/2 Register (CardBus Status Registers)
Bits
R/W
Description
7-0
R
Constant value of 00.
31-8
R/W
-
(1) Function Event Register (FER) ( Base Address 1 ( 2 )+ 0H )
Bits
R/W
Description
0
R
Write Protect (No Use).
Read only as ‘0’
1
R
Ready Status (No Use).
Read only as ‘0’
2
R
Battery Voltage Detect 2 (No Use).
Read only as ‘0’
3
R
Battery Voltage Detect 1 (No Use).
Read only as ‘0’
4
R/W
General Wakeup
14-5
R
Reserved. Read only as ‘0’
15
R/W
Interrupt
31-16
R
Reserved. Read only as ‘0’
(2) Function Event Mask Register (FEMR) ( Base Address 1 ( 2 )+ 4H )
Bits
R/W
Description
0
R
Write Protect (No Use).
Read only as ‘0’
1
R
Ready Status (No Use).
Read only as ‘0’
2
R
Battery Voltage Detect 2 (No Use).
Read only as ‘0’
3
R
Battery Voltage Detect 1 (No Use).
Read only as ‘0’
4
R/W
General Wakeup Mask
5
R
BAM. Read only as ‘0’
6
R
PWM. Read only as ‘0’
13-7
R
Reserved. Read only as ‘0’
14
R/W
Wakeup Mask
15
R/W
Interrupt
31-16
R
Reserved. Read only as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com