Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHT4NQ10LT Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PHT4NQ10LT
Description  N-channel TrenchMOS logic level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT4NQ10LT Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PHT4NQ10LT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 9Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 10Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PHT4NQ10LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 October 2011
6 of 13
NXP Semiconductors
PHT4NQ10LT
N-channel TrenchMOS logic level FET
Tj = 25 °C; VDS = 5 V
Fig 8.
Sub-threshold drain current as a function of
gate-source voltage
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Drain-source on-state resistance as a function
of drain current; typical values
Fig 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
03aa36
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
0123
VGS (V)
ID
(A)
max
typ
min
03aa33
0
0.5
1
1.5
2
2.5
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min
03ac86
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
01
234
5678
9
10
ID (A)
RDSon
(Ω)
Tj = 25
°C
2V 2.2V
2.4V
2.6V
2.8V
3V
VGS = 5V
03aa29
0
1
2
3
-60
0
60
120
180
Tj (
°C)
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com