Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T83RQ6F Datasheet(PDF) 36 Page - STMicroelectronics

Part # M41T83RQ6F
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RQ6F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M41T83RQ6F Datasheet HTML 32Page - STMicroelectronics M41T83RQ6F Datasheet HTML 33Page - STMicroelectronics M41T83RQ6F Datasheet HTML 34Page - STMicroelectronics M41T83RQ6F Datasheet HTML 35Page - STMicroelectronics M41T83RQ6F Datasheet HTML 36Page - STMicroelectronics M41T83RQ6F Datasheet HTML 37Page - STMicroelectronics M41T83RQ6F Datasheet HTML 38Page - STMicroelectronics M41T83RQ6F Datasheet HTML 39Page - STMicroelectronics M41T83RQ6F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Clock operation
M41T82 M41T83
36/58
3.6
Optional second programmable alarm
When the Alarm 2 Enable (AL2E) bit (D1 of address 13h) is set to a logic ‘1’, registers 14h
through 18h provide control for a second programmable alarm which operates in the same
manner as the alarm function described above. The A2IE (Alarm 2 Interrupt Enable) bit
allows the second alarm to trigger a separate interrupt output (IRQ2).
The AL2E bit defaults on initial power-up to a logic ‘0’ (Alarm 2 disabled). In this mode, the
five address bytes (14h-18h) function as additional user SRAM, for a total of 12 bytes of
user SRAM.
The IRQ1/FT/OUT pin can also be activated in the battery back-up mode (see Figure 22 on
page 36).
Figure 21.
Alarm interrupt reset waveform
Figure 22.
Back-up mode alarm waveform
1.
ABE and A1IE bits = 1.
ALARM FLAG BITS (AFx)
0Fh
0Eh
00h
HIGH-Z
AI08898
IRQ1/FT/OUT or
IRQ2
VCC
IRQ1/FT/OUT or
IRQ2
AF Bit in Flags
Register
HIGH-Z
VSO
VPFD
trec
AI09164c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com