Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54HC148 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC148
Description  8-3 Line Priority Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC148 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC148 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC148 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC148 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC148 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC148 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC148 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9390
February 1988
MM54HC148MM74HC148
8-3 Line Priority Encoder
General Description
This priority encoder utilizes advanced silicon-gate CMOS
technology It has the high noise immunity and low power
consumption typical of CMOS circuits as well as the speeds
and output drive similar to LB-TTL
This priority encoder accepts 8 input request lines 0 – 7 and
outputs 3 lines A0 – A2 The priority encoding ensures that
only the highest order data line is encoded Cascading cir-
cuitry (enable input EI and enable output EO) has been pro-
vided to allow octal expansion without the need for external
circuitry All data inputs and outputs are active at the low
logic level
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 13 ns
Y
Wide supply voltage range 2V – 6V
Connection Diagram
Dual-In-Line Package
TLF9390 – 1
Order Number MM54HC148 or MM74HC148
Truth Table
Inputs
Outputs
EI
01234567
A2
A1
A0
GS
EO
H
X
XXXXXXX
H
H
H
H
H
L
H
HHHHHHH
H
H
H
H
L
L
X
XXXXXX
L
L
L
L
L
H
L
X
XXXXX
L
H
L
L
H
L
H
L
X
XXXX
LH
H
L
H
L
L
H
LX
X
X
X
L
H
H
H
L
H
H
L
H
LX
X
X
L
H
H
H
H
H
L
L
L
H
L
X
X
L
HHHHH
H
L
H
L
H
L
X
L
HHHHHH
H
H
L
L
H
L
L
HHHHHHH
H
H
H
L
H
H e High L e Low X e irrelevant
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC148

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
10-to-4 Line Priority Encoder
More results

Similar Description - MM54HC148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
8-Line to 3-Line Priority Encoder
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
8-to-3-line Octal Priority Encoder
logo
STMicroelectronics
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Jul-2001
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
8-TO-3 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
8-to-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
8-line-to-3-line Octal Priority Encoder
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com