Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL19F1MAE Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7FL19F1MAE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MAE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7FL19F1MAE Datasheet HTML 12Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 13Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 14Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 15Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 16Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 17Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 18Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 19Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
ST7L15, ST7L19
16/138
DATA EEPROM (cont’d)
5.4 POWER SAVING MODES
Wait mode
The data EEPROM can enter WAIT mode on exe-
cution of the WFI instruction of the microcontroller
or when the microcontroller enters ACTIVE HALT
mode.The data EEPROM immediately enters this
mode if there is no programming in progress, oth-
erwise the data EEPROM finishes the cycle and
then enters WAIT mode.
Active Halt mode
Refer to WAIT mode.
Halt mode
The data EEPROM immediately enters HALT
mode if the microcontroller executes the HALT in-
struction. Therefore, the EEPROM stops the func-
tion in progress, and data may be corrupted.
5.5 ACCESS ERROR HANDLING
If a read access occurs while E2LAT = 1, then the
data bus is not driven.
If a write access occurs while E2LAT = 0, then the
data on the bus is not latched.
If a programming cycle is interrupted (by RESET
action), the integrity of the data in memory is not
guaranteed.
5.6 DATA EEPROM READOUT PROTECTION
The readout protection is enabled through an op-
tion bit (see option byte section).
When this option is selected, the programs and
data stored in the EEPROM memory are protected
against readout (including a rewrite protection). In
Flash devices, when this protection is removed by
reprogramming the Option Byte, the entire Pro-
gram memory and EEPROM is first automatically
erased.
Note: Both Program Memory and data EEPROM
are protected using the same option bit.
Figure 8. Data EEPROM Programming Cycle
LAT
ERASE CYCLE
WRITE CYCLE
PGM
tPROG
READ OPERATION NOT POSSIBLE
WRITE OF
DATA LATCHES
READ OPERATION POSSIBLE
INTERNAL
PROGRAMMING
VOLTAGE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com