Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5200 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
18
NOTE
Beware of changing the values on the pins of the reset configuration word
after the deassertion of PORRESET. This may cause problems because it
may change the internal clock ratios and so extend the PLL locking process.
3.3.4
External Interrupts
The MPC5200 provides three different kinds of external interrupts:
•
Four IRQ interrupts
•
Eight GPIO interrupts with simple interrupt capability (not available in power-down mode)
•
Eight WakeUp interrupts (special GPIO pins)
The propagation of these three kinds of interrupts to the core is shown in the following graphic:
Figure 4. External interrupt scheme
Due to synchronization, prioritization, and mapping of external interrupt sources, the propagation of
external interrupts to the core processor is delayed by several IP_CLK clock cycles. The following table
specifies the interrupt latencies in IP_CLK cycles. The IP_CLK frequency is programmable in the Clock
Distribution Module (see Note Table 16).
Table 16. External interrupt latencies
Interrupt Type
Pin Name
Clock Cycles
Reference Clock
Core Interrupt
SpecID
Interrupt Requests
IRQ0
10
IP_CLK
critical (cint)
A4.1
IRQ0
10
IP_CLK
normal (int)
A4.2
IRQ1
10
IP_CLK
normal (int)
A4.3
IRQ2
10
IP_CLK
normal (int)
A4.5
IRQ3
10
IP_CLK
normal (int)
A4.6
8 GPIOs
8 GPIOs
GPIO WakeUp
GPIO Std
IRQ0
IRQ1
IRQ2
IRQ3
PIs
cint
int
Grouper
Encoder
Encoder
Main Interrupt
Controller
core_cint
core_int
G2_LE Core
Notes:
1. PIs = Programmable Inputs
2. Grouper and Encoder functions imply programmability in software
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com