| Electronic Components Datasheet Search |
|
M41ST84WMQ6E Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST84WMQ6E Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 29 page ![]() M41ST84W 12/29 WRITE Mode In this mode the master transmitter transmits to the M41ST84W slave receiver. Bus protocol is shown in Figure 12., page 12. Following the START condition and slave address, a logic '0' (R/ W=0) is placed on the bus and indicates to the ad- dressed device that word address An will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next memory location within the RAM on the reception of an acknowledge clock. The M41ST84W slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address (see Figure 9., page 10) and again after it has received the word address and each data byte. Data Retention Mode With valid VCC applied, the M41ST84W can be ac- cessed as described above with READ or WRITE cycles. Should the supply voltage decay, the M41ST84W will automatically deselect, write pro- tecting itself when VCC falls between VPFD(max) and VPFD(min). This is accomplished by internally inhibiting access to the clock registers. At this time, the Reset pin (RST) is driven active and will remain active until VCC returns to nominal levels. When VCC falls below the Battery Back-up Switchover Voltage (VSO), power input is switched from the VCC pin to the external battery, and the clock registers and SRAM are maintained from the attached battery supply. All outputs become high impedance. On power up, when VCC returns to a nominal value, write protec- tion continues for trec. The RST signal also re- mains active during this time (see Figure 19., page 25). For a further more detailed review of lifetime calcu- lations, please see Application Note AN1012. Figure 12. WRITE Mode Sequence AI00591 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |