Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T93ZMY6E Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T93ZMY6E
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T93ZMY6E Datasheet HTML 35Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 36Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 37Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 38Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 39Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 40Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 41Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 42Page - STMicroelectronics M41T93ZMY6E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
M41T93
DC and AC parameters
39/49
Figure 17.
Power down/up mode AC waveforms
1.
All voltages referenced to VSS.
2.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.38 to 5.5V (except where noted).
Table 21.
Power down/up trip points DC characteristics
Sym
Parameter(1,2)
Min
Typ
Max
Unit
VRST
Reset threshold voltage
S
2.85
2.93
3.0
V
R
2.55
2.63
2.7
V
Z
2.25
2.32
2.38
V
VSO
Battery back-up switchover
VRST
V
Hysteresis
25
mV
trec
Reset pulse Width (VCC Rising)
140
280
ms
VCC to Reset Delay, VCC = (VRST + 100mV), falling to
(VRST – 100mV; for VCC slew rate of 10mV/µs
2.5
µs
AI11839
VCC
trec
tPD
VSO
SCL
SDI
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com