Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T93ZMY6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T93ZMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T93ZMY6F Datasheet HTML 15Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 16Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 17Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 18Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 19Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 20Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 21Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 22Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
M41T93
Clock operation
19/49
3.3
Real time clock accuracy
The M41T93 is driven by a quartz controlled oscillator with a nominal frequency of
32,768Hz. The accuracy of the Real Time Clock is dependent upon the accuracy of the
crystal, and the match between the capacitive load of the oscillator circuit and the capacitive
load for which the crystal was trimmed. Temperature also affects the crystal frequency,
causing additional error (see Figure 10 on page 23).
The M41T93 provides the option of clock correction through either manufacturing calibration
or in-application calibration. The total possible compensation is typically –93 ppm to +156
ppm. The two compensation circuits that are available are:
1.
An Analog Calibration register (12h) can be used to adjust internal (on-chip) load
capacitors for oscillator capacitance trimming. The individual load capacitors CXI and
CXO (see Figure 9), are selectable from a range of –18pF to +9.75pF in steps of
0.25pF. This translates to a calculated compensation of approximately ±30 ppm (see
Analog calibration (programmable load capacitance) on page 22).
2.
A Digital Calibration register (08h) can also be used to adjust the clock counter by
adding or subtracting a pulse at the 512Hz divider stage. This approach provides
periodic compensation of approximately –63 ppm to +126 ppm (see Digital calibration
(periodic counter correction) on page 20).
Figure 9.
Internal load capacitance adjustment
AI11804
XO
XI
Crystal Oscillator
CXI
CXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com