Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH3002CPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3002CPI
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002CPI Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3002CPI Datasheet HTML 1Page - STMicroelectronics STTH3002CPI Datasheet HTML 2Page - STMicroelectronics STTH3002CPI Datasheet HTML 3Page - STMicroelectronics STTH3002CPI Datasheet HTML 4Page - STMicroelectronics STTH3002CPI Datasheet HTML 5Page - STMicroelectronics STTH3002CPI Datasheet HTML 6Page - STMicroelectronics STTH3002CPI Datasheet HTML 7Page - STMicroelectronics STTH3002CPI Datasheet HTML 8Page - STMicroelectronics STTH3002CPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH3002C
Characteristics
3/11
To evaluate the conduction losses use the following equation:
P = 0.69 x IF(AV) + 0.01 IF
2
(RMS)
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
20
µA
Tj = 125° C
10
125
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 15 A
1.05
V
IF = 30 A
1.18
Tj = 150° C
IF = 15 A
0.75
0.84
IF = 30 A
0.99
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = 200 A/µs,
VR = 30 V, Tj = 25 °C
17
22
ns
IRM
Reverse recovery current
IF = 15 A, dIF/dt = 200 A/µs,
VR = 160 V, Tj = 125 °C
67.8
A
tfr
Forward recovery time
IF = 15 A, dIF/dt = 200 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
110
ns
VFP
Forward recovery voltage
IF = 15 A, dIF/dt = 200 A/µs,
Tj = 25 °C
2.5
V
Figure 1.
Peak current versus duty cycle
(per diode)
Figure 2.
Forward voltage drop versus
forward current (typical values, per
diode)
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I(A)
M
T
δ=tp/T
tp
IM
δ
P = 30W
P = 15W
P = 10W
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V(V)
FM
I(A)
FM
T =25°C
j
T =150°C
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com