Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS9079 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9079
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9079 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9079 Datasheet HTML 1Page - Micro Analog systems MAS9079 Datasheet HTML 2Page - Micro Analog systems MAS9079 Datasheet HTML 3Page - Micro Analog systems MAS9079 Datasheet HTML 4Page - Micro Analog systems MAS9079 Datasheet HTML 5Page - Micro Analog systems MAS9079 Datasheet HTML 6Page - Micro Analog systems MAS9079 Datasheet HTML 7Page - Micro Analog systems MAS9079 Datasheet HTML 8Page - Micro Analog systems MAS9079 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 (9)
DA9079.003
19 May, 2005
TYPICAL APPLICATION
C
ANT1
C
ANT3
L
ANT
C
ANT2
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFI1
RFI2
VDD
VSS PDN1
AGC
DEC
OUT
QO2
QO1
QI
AON
+
V
BATTERY
Receiver
Output
C
AGC
C
DEC
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
Ferrite
Antenna
PDN2
X
2
X
1
RFI3
QO3
X
3
Note 1
Note 2
Figure 1
Application circuit of tri band receiver MAS9079
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
VDD
VSS PDN1
AGC
DEC
OUT
QO2
QO1
QI
AON
+
1.4 V
Receiver
Output
C
AGC
10 µF
C
DEC
47 nF
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
PDN2
QO3
X
3
40.003 kHz
X
1
77.503kHz
X
2
60.003kHz
RFI1
RFI2
Ferrite
Antenna
RFI3
C
ANT1
1.2nF
C
ANT3
0.91nF
L
ANT
3.07mH
C
ANT2
3.0nF
Figure 2
Example circuit of tri band receiver MAS9079 for DCF77/MSF/WWVB/JJY frequencies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com