| Electronic Components Datasheet Search |
|
L6926Q1TR Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6926Q1TR Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 17 page ![]() L6926 Electrical characteristics 5/17 3 Electrical characteristics Table 4. Electrical characteristcs (TJ = 25°C, VIN = 3.6V unless otherwise specified) (1) Symbol Parameter Test condition Min Typ Max Unit Vcc Operating input voltage After Turn on (1) 25.5 V Vcc ON Turn On threshold 2.2 V Vcc OFF Turn Off threshold 2 V Vcc hys Hysteresis 100 mV Rp High side Ron Vcc = 3.6V, Ilx =100mA 240 300 m Ω (1) 400 Rn Low side Ron Vcc = 3.6V, Ilx =100mA 215 300 m Ω (1) 400 Ilim Peak current limit Vcc = 3.6V 11.2 1.5 A (1) 0.85 1.65 Valley current limit Vcc = 3.6V 11.4 1.7 A (1) 0.9 1.85 Vout Output voltage range Vfb Vcc V fosc Oscillator frequency 450 600 700 KHz (1) 400 600 800 fsync Sync mode clock (2) 500 1400 KHz DC characteristics Iq Quiescent current (low noise mode) Vsync = 0V, no load, VFB > 0.6V 200 300 µA Vsync = 0V, no load, VFB > 0.6V (1) 300 Quiescent current (low cunsumption mode) Vsync = Vcc, no load, VFB > 0.6V (1) 25 50 µA Ish Shutdown current RUN to GND, Vcc = 5.5V 0.2 µA Ilx LX leakage current (2) RUN to GND, VLX = 5.5V, Vcc = 5.5V 1 µA RUN to GND, VLX = 0V, Vcc = 5.5V 1 µA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |