Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347CE Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 50Page - fujitsu semiconductor MB90347CE Datasheet HTML 51Page - fujitsu semiconductor MB90347CE Datasheet HTML 52Page - fujitsu semiconductor MB90347CE Datasheet HTML 53Page - fujitsu semiconductor MB90347CE Datasheet HTML 54Page - fujitsu semiconductor MB90347CE Datasheet HTML 55Page - fujitsu semiconductor MB90347CE Datasheet HTML 56Page - fujitsu semiconductor MB90347CE Datasheet HTML 57Page - fujitsu semiconductor MB90347CE Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
MB90340E Series
54
3.
DC Characteristics
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
(Continued)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H
voltage
(At VCC
=
5 V
± 10%)
VIHS
⎯⎯
0.8 VCC
⎯
VCC
+ 0.3
V
Port inputs if CMOS
hysteresis input levels are
selected (except P12, P44,
P45, P46, P47, P50, P82,
P83)
VIHA
⎯⎯
0.8 VCC
⎯
VCC
+ 0.3
V
Port inputs if
Automotive input levels are
selected
VIHT
⎯⎯
2.0
⎯
VCC
+ 0.3
V
Port inputs if TTL input levels
are selected
VIHS
⎯⎯
0.7 VCC
⎯
VCC
+ 0.3
V
P12, P50, P82, P85
inputs if CMOS input levels
are selected
VIHI
⎯⎯
0.7 VCC
⎯
VCC
+ 0.3
V
P44, P45, P46, P47
inputs if CMOS hysteresis
input levels are selected
VIHR
⎯⎯
0.8 VCC
⎯
VCC
+ 0.3
V
RST input pin
(CMOS hysteresis)
VIHM
⎯⎯
VCC
− 0.3
⎯
VCC
+ 0.3
V
MD input pin
Input L
voltage
(At VCC
=
5 V
± 10%)
VILS
⎯⎯
VSS
− 0.3
⎯
0.2 VCC
V
Port inputs if CMOS
hysteresis input levels are
selected (except P12, P44,
P45, P46, P47, P50, P82,
P83)
VILA
⎯⎯
VSS
− 0.3
⎯
0.5 VCC
V
Port inputs if
Automotive input levels are
selected
VILT
⎯⎯
VSS
− 0.3
⎯
0.8
V
Port inputs if TTL
input levels are selected
VILS
⎯⎯
VSS
− 0.3
⎯
0.3 VCC
V
P12, P50, P82, P85
inputs if CMOS input levels
are selected
VILI
⎯⎯
VSS
− 0.3
⎯
0.3 VCC
V
P44, P45, P46, P47
inputs if CMOS hysteresis
input levels are selected
VILR
⎯⎯
VSS
− 0.3
⎯
0.2 VCC
V
RST input pin
(CMOS hysteresis)
VILM
⎯⎯
VSS
− 0.3
⎯
VSS
+ 0.3
V
MD input pin
Output H
voltage
VOH
Normal
outputs
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5
⎯⎯
V
Output H
voltage
VOHI
I2C current
outputs
VCC
= 4.5 V,
IOH
= −3.0 mA
VCC
− 0.5
⎯⎯
V
Output L
voltage
VOL
Normal
outputs
VCC
= 4.5 V,
IOL
= 4.0 mA
⎯⎯
0.4
V
Output L
voltage
VOLI
I2C current
outputs
VCC
= 4.5 V,
IOL
= 3.0 mA
⎯⎯
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com