Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27W801 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M27W801_06 Datasheet HTML 16Page - STMicroelectronics M27W801_06 Datasheet HTML 17Page - STMicroelectronics M27W801_06 Datasheet HTML 18Page - STMicroelectronics M27W801_06 Datasheet HTML 19Page - STMicroelectronics M27W801_06 Datasheet HTML 20Page - STMicroelectronics M27W801_06 Datasheet HTML 21Page - STMicroelectronics M27W801_06 Datasheet HTML 22Page - STMicroelectronics M27W801_06 Datasheet HTML 23Page - STMicroelectronics M27W801_06 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
M27W801
Revision history
23/24
7
Revision history
Table 17.
Document revision history
Date
Version
Revision Details
July 1999
1.0
First Issue
15-Mar-2000
1.1
FDIP32W Package Dimension, L Max added (Table 12.)
TSOP32 Package Dimension changed (Table 15)
0 to 70°C Temperature Range removed
Programming Time changed
21-Apr-2000
1.2
Read Mode AC Characteristics: tAVQV, tELQV, tGLQV, tEHQZ, tGHQZ changed
(Table 9)
20-Feb-2002
1.3
PDIP32 Mechanical data and drawing changed (Table 13)
PLCC32 Mechanical data: A2 clarified (Table 14)
Read Mode DC Characteristics: VOH clarified (Table 7)
06-May-2002
1.4
PLCC32 Mechanical data and drawing clarified (Table 14, Figure 13)
ICC Standby value clarified
21-Mar-2003
1.5
Ordering Information Scheme clarified (Table 16)
TSOP32 Package Mechanical Data clarified (Table 15)
22-May-2006
2
Document converted to new template (sections added, information
moved).
Packages are ECOPACK® compliant. Package specifications updated
(see Section 5: Package mechanical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com