| Electronic Components Datasheet Search |
|
M50FLW040AN5TP Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FLW040AN5TP Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 64 page ![]() Status Register M50FLW040A, M50FLW040B 34/64 5.3.4 Block Protection status (Bit SR1) The Block Protection Status bit can be used to identify if the Program or Erase operation has tried to modify the contents of a protected block. When the Block Protection Status bit is to ‘0’, no Program or Erase operations have been attempted to protected blocks since the last Clear Status Register command or hardware reset. When the Block Protection Status bit is ‘1’, a Program or Erase operation has been attempted on a protected block. Once it is set to ‘1’, the Block Protection Status bit can only be reset to ‘0’ by a Clear Status Register command or by a hardware reset. If it is set to ‘1’, it should be reset before a new Program or Erase command is issued, otherwise the new command will appear to have failed, too. Using the A/A Mux Interface, the Block Protection Status bit is always ‘0’. 5.3.5 Reserved (Bit SR0) Bit 0 of the Status Register is reserved. Its value should be masked. Table 14. Status Register bits Operation SR7 SR6 SR5 SR4 SR3 SR2 SR1 Program active ‘0’ X(1) 1. For Program operations during Erase Suspend Bit SR6 is ‘1’, otherwise Bit SR6 is ‘0’. ‘0’‘0’ ‘0’‘0’ ‘0’ Program suspended ‘1 X(1) ‘0’‘0’ ‘0’‘1’ ‘0’ Program completed successfully ‘1’ X(1) ‘0’‘0’ ‘0’‘0’ ‘0’ Program failure due to VPP Error ‘1’ X(1) ‘0’‘1’ ‘1’‘0’ ‘0’ Program failure due to Block Protection (FWH/LPC Interface only) ‘1’ X(1) ‘0’‘1’ ‘0’‘0’ ‘1’ Program failure due to cell failure ‘1’ X(1)) ‘0’ ‘1’ ‘0’ ‘0’ ‘0’ Erase active ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase suspended ‘1’ ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase completed successfully ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase failure due to VPP Error ‘1’ ‘0’‘1’ ‘0’‘1’ ‘0’‘0’ Erase failure due to Block Protection (FWH/LPC Interface only) ‘1’‘0’ ‘1’‘0’ ‘0’‘0’ ‘1’ Erase failure due to failed cell(s) in block ‘1’ ‘0’ ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |