Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75236 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75236
Description  MOS INTEGRATED CIRCUIT
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75236 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75236 Datasheet HTML 17Page - Renesas Technology Corp UPD75236 Datasheet HTML 18Page - Renesas Technology Corp UPD75236 Datasheet HTML 19Page - Renesas Technology Corp UPD75236 Datasheet HTML 20Page - Renesas Technology Corp UPD75236 Datasheet HTML 21Page - Renesas Technology Corp UPD75236 Datasheet HTML 22Page - Renesas Technology Corp UPD75236 Datasheet HTML 23Page - Renesas Technology Corp UPD75236 Datasheet HTML 24Page - Renesas Technology Corp UPD75236 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
19
µPD75236
2.2
GENERAL REGISTER BANK CONFIGURATION
The
µPD75236 incorporates four register banks, each bank consisting of eight general registers, X, A, B, C,
D, E, H and L. This general register area is mapped at addresses 00H to 1FH of the memory bank 0 of the data
memory (refer to Fig. 2-2 General Register Configuration (4-Bit Processing)). A register bank enable flag (RBE)
and a register bank select register (RBS) are incorporated to specify the above general register banks. RBS is a
register to select a register bank and RBE is a flag to determine whether the register bank selected by RBS
should be validated or not. The register bank (RB) which is validated for instruction execution is given as
RB = RBE• RBS.
As described above, with the
µPD75236 having four register banks, programs can be created very efficiently
by using different register banks for normal processing and interrupt service as described in Table 2-2. (RBE is
automatically saved and set for interrupt service and automatically reset upon termination of the interrupt
service.)
Table 2-2 Recommended Use of Register Banks in Normal and Interrupt Routines
Normal processing
Use register banks 2 and 3 with RBE = 1.
Single interrupt service
Use register bank 0 with RBE = 0.
Double interrupt service
Use register bank 1 with RBE = 1. (It is necessary to save/reset RBS.)
Triple or more interrupt service
Save/reset registers by PUSH and POP.
Not only in 4-bit units, a register pair of XA, HL, DE or BC can transfer, compare, operate, increment or
decrement data in 8-bit units. In this case, register pairs with the reversed bit 0 of the register bank specified by
RBE• RBS can be specified as XA’, HL’, DE’ and BC’. Thus, the
µPD75236 has eight 8-bit registers (refer to Fig. 2-
3 General Register Configuration (8-Bit Processing)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com