Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS1017ATC1-1 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS1017ATC1-1
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1017ATC1-1 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS1017ATC1-1 Datasheet HTML 1Page - Micro Analog systems MAS1017ATC1-1 Datasheet HTML 2Page - Micro Analog systems MAS1017ATC1-1 Datasheet HTML 3Page - Micro Analog systems MAS1017ATC1-1 Datasheet HTML 4Page - Micro Analog systems MAS1017ATC1-1 Datasheet HTML 5Page - Micro Analog systems MAS1017ATC1-1 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DA1017.002
29 May, 2002
4(6)
TYPICAL APPLICATION
Note 1: Ferrite Antenna and Crystal
The crystal as well as ferrite antenna frequencies are chosen according to the time signal system frequency.
DCF-77 transmitter frequency is 77.5 kHz. The ferrite antenna center frequency has to be tuned to 77.5 kHz.
The optimal crystal frequency is 77503 Hz but also 77500 Hz crystal can be used. The shunt capacitance of the
crystal should be as close as possible to internal shunt capacitance compensation capacitor of 0.75 pF for
optimal noise filtering.
Note 2: AGC and DEC Capacitors
The AGC and DEC capacitors should have low leakage currents due to very small 40 nA signal currents
through the capacitors. The insulation resistance of these capacitors should be higher than 70 M
Ω. Also probes
with at least 100 M
Ω impedance should be used for voltage probing of AGC and DEC pins.
AG C Am plifier
Dem odulator
&
Com parator
Pow er Supply/Biasing
RFI
DCF
QI
QO
VDD
AG C
DEC
VSS
Receiver
output
Ferrite-
Antenna
77503 Hz
+1.1V to +3.6V
PUP
470 nF
47 nF
PDN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com