Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB70N1F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M28W640FCB70N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB70N1F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M28W640FCB70N1F Datasheet HTML 29Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 30Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 31Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 32Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 33Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 34Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 35Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 36Page - STMicroelectronics M28W640FCB70N1F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
M28W640FCT, M28W640FCB
Maximum rating
33/77
7
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 12.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature (1)
1.
Depends on range.
– 40
85
°C
TBIAS
Temperature Under Bias
– 40
125
°C
TSTG
Storage Temperature
– 55
155
°C
VIO
Input or Output voltage
– 0.6
VDDQ+0.6
V
VDD, VDDQ
Supply voltage
– 0.6
4.1
V
VPP
Program voltage
– 0.6
13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com