Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMPB07R0UN Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMPB07R0UN
Description  20 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R0UN Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMPB07R0UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB07R0UN Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
PMPB07R0UN
20 V, N-channel Trench MOSFET
VDS (V)
0
4
3
1
2
aaa-032236
20
10
30
40
ID
(A)
0
1.8 V
VGS = 1.5 V
2.5 V
2.0 V
4.5 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
aaa-030271
VGS (V)
0
1.5
1.0
0.5
10-4
10-5
10-3
ID
(A)
10-6
min
typ
max
VDS = 5 V; Tj = 25 °C
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
40
30
10
20
aaa-032237
20
10
30
40
RDS(on)
0
1.8 V
1.5 V
3.0 V
2.5 V
VGS = 4.5 V
2.0 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
10
8
4
6
2
aaa-032238
20
10
30
40
RDS(on)
0
Tj = 25 °C
Tj = 150 °C
ID = 11 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values
PMPB07R0UN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
13 October 2020
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com