Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMPB07R3VP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3VP
Description  12 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3VP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMPB07R3VP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB07R3VP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
PMPB07R3VP
12 V, P-channel Trench MOSFET
VDS (V)
0
-4
-3
-1
-2
aaa-032575
-20
-10
-30
-40
ID
(A)
0
-1.8 V
-2.5 V
-1.5 V
VGS = -1.2 V
-4.5 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
max
min
aaa-032576
VGS (V)
0
-1.5
-1.0
-0.5
-10-4
-10-5
-10-3
ID
(A)
-10-6
typ
Tj = 25 °C; VDS = -5 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
-40
-30
-10
-20
aaa-032577
20
10
30
40
RDS(on)
0
-2.5 V
VGS = -4.5 V
-1.8 V
-3.0 V
-1.5 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
-8
-6
-2
-4
aaa-032578
20
10
30
40
RDS(on)
0
Tj = 25 °C
Tj = 150 °C
ID = -12.2 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values
PMPB07R3VP
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
1 March 2021
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com