Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN68M7SCT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN68M7SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN68M7SCT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN68M7SCT Datasheet HTML 1Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 2Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 3Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 4Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 5Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 6Page - Diodes Incorporated DMN68M7SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN68M7SCT
Document number: DS40859 Rev. 7 - 2
2 of 7
www.diodes.com
December 2019
© Diodes Incorporated
DMN68M7SCT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
68
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TC = +25°C
TC = +70°C
ID
100
80
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
400
A
Pulsed Source Current (10
μs Pulse, Duty Cycle = 1%)
ISM
400
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
100
A
Avalanche Current (Note 6) L = 0.3mH
IAS
35
A
Avalanche Energy (Note 6) L = 0.3mH
EAS
183
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
TC = +25°C
TC = +70°C
PD
125
80
W
Thermal Resistance, Junction to Case (Note 5)
RθJC
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
68
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 68V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.3
—
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
6.2
8.0
m
Ω
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
4260
—
pF
VDS = 30V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
430
—
Reverse Transfer Capacitance
Crss
—
198
—
Gate Resistance
RG
—
1.75
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
QG
—
72.9
—
nC
VDD = 30V, ID = 20A
Total Gate Charge (VGS = 4.5V)
QG
—
36.0
—
Gate-Source Charge
QGS
—
8.0
—
Gate-Drain Charge
QGD
—
15.3
—
Turn-On Delay Time
tD(ON)
—
6.3
—
ns
VDD = 30V, VGS = 10V,
RG = 1Ω, ID = 20A
Turn-On Rise Time
tR
—
18
—
Turn-Off Delay Time
tD(OFF)
—
36
—
Turn-Off Fall Time
tF
—
9.7
—
Reverse Recovery Time
tRR
—
31.4
—
ns
IF = 20A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
30.1
—
nC
Notes:
5. Device mounted on infinite heatsink.
6. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com