Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347CEPF Datasheet(PDF) 56 Page - fujitsu semiconductor

Part # MB90347CEPF
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CEPF Datasheet(HTML) 56 Page - fujitsu semiconductor

Back Button MB90347CEPF Datasheet HTML 52Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 53Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 54Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 55Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 56Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 57Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 58Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 59Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 60Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
MB90340E Series
56
4.
AC Characteristics
(1) Clock Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : When selecting the PLL clock, the range of clock frequency is limited. Use this product within the range as
mentioned in “Relation between the external clock frequency and machine clock frequency”.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
⎯
16
MHz
When using an oscillation
circuit
X0, X1
3
⎯
24
MHz
When using an external
clock*
fCL
X0A, X1A
—
32.768
100
kHz
Clock cycle time
tCYL
X0, X1
62.5
⎯
333
ns
When using an oscillation
circuit
X0, X1
41.67
⎯
333
ns
When using an external
clock
tCYLL
X0A, X1A
10
30.5
—
µs
Input clock pulse width
PWH, PWL
X0
10
⎯⎯
ns
Duty ratio is about 30
% to
70
%.
PWHL, PWLL
X0A
5
15.2
⎯µs
Input clock rise and fall time
tCR, tCF
X0
⎯⎯
5
ns
When using external clock
Internal operating clock
frequency (machine clock)
fCP
⎯
1.5
⎯
24
MHz
When using main clock
fCPL
⎯⎯
8.192
50
kHz
When using sub clock
Internal operating clock
cycle time (machine clock)
tCP
⎯
41.67
⎯
666
ns
When using main clock
tCPL
⎯
20
122.1
⎯µs
When using sub clock
X0
tCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
X0A
tCYLL
tCF
tCR
0.8 VCC
0.2 VCC
PWHL
PWLL
Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com